Part Number Hot Search : 
D42C1 CXA2013M MMBZ5260 MC3479 AX1006 E000859 114EK 4VCXH
Product Description
Full Text Search
 

To Download DTC114T-AE3-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd dtc114t npn silicon transistor  www.unisonic.com.tw 1 of 3 copyright ? 2005 unisonic technologies co., ltd qw-r206-054,b  npn digital transistor (built- in bias resistors) ? features * built-in bias resistors that im plies easy on/off applications. * the bias resistors are thin-film resistors with complete isolation to allow negative input.  ? equivalent circuit *pb-free plating product number:dtc114tl ? ordering information ordering number pin assignment normal lead free plating package 1 2 3 packing DTC114T-AE3-R dtc114tl-ae3-r sot-23 e b c tape reel dtc114t-al3-r dtc114tl-al3-r sot-323 e b c tape reel dtc114t-an3-r dtc114tl-an3-r sot-523 e b c tape reel  ? marking
dtc114t npn silicon transistor unisonic technologies co., ltd 2 of 3 www.unisonic.com.tw qw-r206-054,b ? absolute maximum ratings (ta=25 ) 
parameter symbol ratings unit collector-base voltage v cbo 50 v collector-emitter voltage v ceo 50 v emitter-base voltage v ebo 5 v collector current i c 100 ma sot-23/sot-323 200 mw collector power dissipation sot-523 p c 150 mw junction temperature t j 150 
storage temperature t stg -55 ~ +150 
note absolute maximum ratings are those values be yond which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. ? electrical characteristics (ta=25 c, unless otherwise specified) parameter symbol test conditions min typ max unit collector-base breakdown voltage bv cbo i c =50a 50 v collector-emitter breakdown voltage bv ceo i c =1ma 50 v emitter-base breakdown voltage bv ebo i e =50a 5 v collector-emitter satu ration voltage v ce(sat) i c =10ma, i b =1ma 0.3 v collector cut-off current i cbo v cb =50v 0.5 a emitter cut-off current i ebo v eb =4v 0.5 a dc current gain h fe v ce =5v, i c =1ma 100 300 600 input resistance r in 7 10 13 k ? current gain bandwidth product f t v ce =10v, i e =-5ma, f=100mhz 250 mhz
dtc114t npn silicon transistor unisonic technologies co., ltd 3 of 3 www.unisonic.com.tw qw-r206-054,b ? typical characteristics utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of DTC114T-AE3-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X